PART |
Description |
Maker |
50-84-1030 50-84-1120 50-84-1090 50-84-1035 |
Header Connector,Cable Mnt,PLUG,3 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,LATCH 3 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG connector 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG Header Connector,Cable Mnt,PLUG,9 Contacts,PIN/SKT,0.250 Pitch,CRIMP Terminal,LATCH 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, PLUG 2.13MM POWER CONNECTOR 4202103C
|
Molex, Inc. MOLEX INC
|
M80-4C10405F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 2 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C10405F1-04-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x 12 AWG Power contacts 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
NL3225 NL322522T-010X NL322522T-012X NL322522T-015 |
D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:Through Hole; D Sub Shell Size:DB25; Body Material:Steel; Contact Plating:Gold Flash; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 贴片 D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:Crimp; D Sub Shell Size:DB25; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes 贴片 DBM25PTA156 贴片 SMD 贴片 D-Subminiature Connector; Gender:Female; No. of Contacts:25; Contact Termination:Crimp; D Sub Shell Size:DB25; Body Material:Steel; Body Plating:Zinc 贴片 Connector,D-Shell,PCB Mnt,PLUG,25 Contacts,SKT,0.109 Pitch,PC TAIL Terminal,#4-40 DBU25PTFO D-Subminiature Connector; Gender:Female; No. of Contacts:25; Contact Termination:Solder; D Sub Shell Size:DB25; Body Material:Metal; Contact Plating:Gold Over Nickel D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:Solder; D Sub Shell Size:DB25; Body Material:Metal; Contact Plating:Gold Over Nickel DBKL25PUTI D-Subminiature Connector; No. of Contacts:25; D Sub Shell Size:DB25; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
TDK, Corp. TDK Corporation ETC[ETC] N.A. TDK[TDK Electronics]
|
M80-5L1040500-00-000-04-333 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, No jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20622M1-03-334-03-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 6 x 4.5mm PC Tail signal contacts, 6 x 5mm PC Tail Power contacts 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L22022M1-02-334-02-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 20 x 4.5mm PC Tail signal contacts, 4 x 5mm PC Tail Power contacts 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
50-57-9320 50-57-9319 50-57-9312 50-57-9311 50-57- |
SL Crp Hsg D SR Back Rbs 20Ckt 20 CONTACT(S), MALE OR FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg D SR Back Rbs 19Ckt 19 CONTACT(S), MALE OR FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP SL Crp Hsg D SR Back Rbs 12Ckt 50579311 Connector Housing; Gender:Female; No. of Contacts:7; Series:SL; Body Material:PBT Polyester, Glass-filled; Color:Black; Connecting Termination:Crimp; Connector Body Material:Polyester; For Use With:70058 and 71851 crimp terminals
|
Molex, Inc. MOLEX INC
|
03-09-1064 03-09-2061 03-09-6061 03-09-7062 |
Circular Connector; Series:1261R; Gender:Female; Number of Contacts:6 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN PLUG 6POS .093 PANEL MOUNT 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, PLUG 093 Pwr Conn Rcpt Black Ears/Lk 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
DPX2MA-26PD8P-34-0301-F0 DPX2MA-26PD8P-34A-0301-F0 |
34 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 34 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 20 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 20 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 27 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 33 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 28 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 33 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 20 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 20 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 26 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 35 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 35 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 26 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 27 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 25 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 50 CONTACT(S), FEMALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 50 CONTACT(S), FEMALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 62 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 62 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 46 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 46 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 46 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 63 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 57 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 55 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 50 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 57 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 63 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 77 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 77 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 90 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 50 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 99 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 112 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 124 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 107 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 65 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 93 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 92 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 65 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 90 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 97 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 112 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 92 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 84 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 93 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 97 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 93 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 93 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 99 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 107 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 124 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 68 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 77 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 84 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 68 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 107 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 55 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 18 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 34 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 134 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 48 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 33 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 40 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 33 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 31 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 48 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 25 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 25 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 40 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 31 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 34 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 20 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 36 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 132 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 131 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 116 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 42 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 20 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 134 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 138 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 131 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 36 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 116 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 132 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 138 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 38 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 38 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 35 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 47 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 47 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 47 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 47 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 35 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, PLUG 31 CONTACT(S), FEMALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 33 CONTACT(S), FEMALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 38 CONTACT(S), FEMALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 40 CONTACT(S), FEMALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 34 CONTACT(S), FEMALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 40 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 31 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 48 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 38 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 33 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 34 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 42 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 12 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 26 CONTACT(S), FEMALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 116 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 102 CONTACT(S), FEMALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 102 CONTACT(S), FEMALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 40 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG 71 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 71 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 30 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 50 CONTACT(S), MALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 40 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE 67 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 55 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 55 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, PLUG
|
ITT Interconnect Solutions ITT CANNON
|
M80-5T10642M2-00-000-03-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 6 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5T11205M2-00-000-01-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 12 x 3mm PC Tail signal contacts, 1 x 3mm PC Tail Coax contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
|